Part Number Hot Search : 
AD7892 CPC5001 28F160 100001 ULN2809 AO4818 MF350 MORIW2
Product Description
Full Text Search
 

To Download MAL209324681E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 093 PMG-SI
Vishay BCcomponents
Aluminum Capacitors Power Miniaturized General Purpose Snap-In
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte * Large types, miniaturized dimensions, cylindrical aluminum case insulated with a blue sleeve * Useful life: 2000 hours at 85 C
RoHS
COMPLIANT
APPLICATIONS
Fig.1 Component outlines
Smaller dimensions Longer life
094
199
159
* * * *
Consumer electronics Whitegood motor control Electronic drives Smps/ups
105 C
105 C
105 C
MARKING
093 Smaller dimensions 197 Longer life 157
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code * Name of manufacturer * `-' sign to identify the negative terminal, visible from the top and side of the capacitor * Code number (last 8 digits) * Maximum operating temperature
QUICK REFERENCE DATA
DESCRIPTION Nominal case size (O D x L in mm) Rated capacitance range, CR Tolerence on CR Rated voltage range, UR Category temperature range Useful life at 85 C Useful life at 40 C and 1.4 x IR applied Shelf life at 0 V, 85 C Based on sectional specification VALUE 22 x 25 to 35 x 50 68 F to 2200 F 20 % 200 V to 450 V - 25 C to + 85 C 2000 hours 36 000 hours 500 hours IEC 60384-4/EN130300/W of JISC5141
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 68 82 100 120 150 180 200 250 UR (V) 400 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 30 30 x 25 22 x 50 30 x 25 420 22 x 25 22 x 35 25 x 30 25 x 35 30 x 25 22 x 50 30 x 30 450 22 x 25 22 x 30 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 30 x 25 22 x 50 25 x 35 30 x 25 30 x 30 35 x 25 www.vishay.com 1
220 270
22 x 25
22 x 25 22 x 30
Document Number: 28383 Revision: 12-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
093 PMG-SI
Vishay BCcomponents
Aluminum Capacitors Power Miniaturized General Purpose Snap-In
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 330 200 22 x 30 25 x 25 22 x 35 25 x 30 25 x 35 25 x 40 30 x35 30 x 40 30 x 45 30 x 50 35 x 40 35 x 45 250 22 x 35 22 x 35 25 x 30 25 x 35 25 x 40 30 x 30 30 x 35 30 x 40 35 x 40 35 x 45 35 x 50 UR (V) 400 25 x 40 30 x 30 35 x 25 25 x 50 30 x 35 35 x 30 30 x 40 35 x 30 30 x 45 35 x 35 35 x 40 35 x 50 420 25 x 50 30 x 35 35 x 30 35 x 35 30 x 50 35 x 40 35 x 45 450 25 x 50 35 x 30 30 x 40 35 x 35 35 x 40 35 x 45 35 x 50 -
390 470 560 680 820 1000 1200 1500 1800 2200
DIMENSIONS in millimeters AND AVAILABLE FORMS
OD
+ Terminal - Terminal L L + 2 max.
10 0.1
Bottom view
6.3 + 1 mm
O 2 0.1 (2 x)
The minus and/or plus terminal can be marked with an imprinted sign
Fig.2 Two terminal snap-in
Table 1
Fig.3 Mounting hole diagram
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 22 x 25 22 x 30 22 x 35 22 x 40 22 x 45 22 x 50 25 x 25 25 x 30 25 x 35 25 x 40 25 x 45 25 x 50 30 x 25 30 x 30 30 x 35 30 x 40 30 x 45 30 x 50 35 x 25 35 x 30 35 x 35 35 x 40 35 x 45 35 x 50 www.vishay.com 2 O Dmax. 22.5 22.5 22.5 22.5 22.5 22.5 25.5 25.5 25.5 25.5 25.5 25.5 30.5 30.5 30.5 30.5 30.5 30.5 35.5 35.5 35.5 35.5 35.5 35.5 Lmax. 25.5 30.5 35.5 40.5 45.5 50.5 25.5 32.0 35.5 40.5 45.5 50.5 27.5 32.5 37.5 41.5 46.5 51.5 25.5 32.5 35.5 41.5 46.5 51.5 MASS (g) 12 16 20 23 26 29 20 22 24 27 32 38 25 30 35 40 45 50 33 40 48 55 63 72 PACKAGING QUANTITIES 216 216 144 144 144 72 216 216 144 144 144 144 168 168 112 112 112 112 126 126 84 84 84 84 CARDBOARD BOX DIMENSIONS LxWxH 280 x 240 x 140 280 x 240 x 140 280 x 240 x 105 280 x 240 x 105 280 x 240 x 140 280 x 240 x 105 280 x 240 x 140 280 x 240 x 140 280 x 240 x 105 280 x 240 x 105 280 x 240 x 140 280 x 240 x 140 280 x 240 x 140 280 x 240 x 140 280 x 240 x 105 280 x 240 x 105 280 x 240 x 140 280 x 240 x 140 280 x 240 x 140 280 x 240 x 140 280 x 240 x 105 280 x 240 x 105 280 x 240 x 140 280 x 240 x 140 Document Number: 28383 Revision: 12-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
093 PMG-SI
Aluminum Capacitors Power Miniaturized General Purpose Snap-In
ELECTRICAL DATA
SYMBOL CR IR IL5 ESR DESCRIPTION rated capacitance at 120 Hz rated RMS ripple current at 120 Hz, 85 C max. leakage current after 5 minutes at UR max. equivalent series resistance at 120 Hz (1)
Vishay BCcomponents
ORDERING EXAMPLE
Electrolytic capacitor 093 series 330 F/400 V; 20 % Nominal case size: O 25 x 40 mm 2-terminal snap-in: Ordering code: MAL2 093 46331 E3 Former 12NC: 2222 093 46331
Notes 1. ESR at 100 Hz is approximately 1.05 x ESR 120 Hz 2. Unless otherwise specified, all electrical values in table 2 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 C Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 270 390 390 470 560 680 820 1000 1200 1500 1800 1800 2200 220 270 330 390 390 470 560 680 820 1000 1200 1500 1800 68 100 150 150 180 180 220 220 220 270 270 330 330 330 390 390 390 470 470 560 560 680 820 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 25 x 35 25 x 40 30 x 35 30 x 40 30 x 45 30 x 50 35 x 40 35 x 45 22 x 25 22 x 30 22 x 35 22 x 35 25 x 30 25 x 35 25 x 40 30 x 30 30 x 35 30 x 40 35 x 40 35 x 45 35 x 50 22 x 25 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 30 30 x 25 22 x 50 30 x 25 25 x 40 30 x 30 35 x 25 25 x 50 30 x 35 35 x 30 30 x 40 35 x 30 30 x 45 35 x 35 35 x 40 35 x 50 IR 120 Hz (A) 1.26 1.55 1.46 1.78 1.83 2.06 2.36 2.35 2.69 3.00 3.36 2.91 3.23 1.18 1.37 1.58 1.67 1.64 1.85 2.11 2.01 2.23 2.56 3.82 3.08 3.35 0.80 0.98 1.11 1.10 1.26 1.27 1.46 1.38 1.43 1.58 1.53 1.82 1.77 1.77 2.21 1.98 2.10 2.20 2.14 2.48 2.35 2.68 3.18 IL5 (mA) 1.08 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.10 1.35 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 0.54 0.80 1.20 1.20 1.44 1.44 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 MAX. ESR (1) 120 Hz () 0.47 0.33 0.36 0.27 0.25 0.21 0.18 0.18 0.15 0.12 0.11 0.14 0.12 0.50 0.40 0.32 0.29 0.29 0.25 0.21 0.22 0.19 0.15 0.15 0.13 0.11 2.06 1.48 1.00 1.03 0.83 0.81 0.68 0.70 0.71 0.53 0.63 0.49 0.50 0.58 0.40 0.43 0.44 0.37 0.40 0.30 0.34 0.28 0.22 MAX. Z 10 kHz () 0.31 0.22 0.25 0.18 0.17 0.15 0.12 0.13 0.11 0.09 0.08 0.10 0.09 0.32 0.25 0.20 0.18 0.19 0.16 0.14 0.15 0.13 0.11 0.11 0.09 0.08 1.49 1.09 0.74 0.77 0.61 0.59 0.50 0.52 0.53 0.39 0.48 0.37 0.39 0.46 0.30 0.33 0.34 0.28 0.32 0.23 0.27 0.22 0.17 ORDERING CODE MAL2093....... 52271E3 52391E3 42391E3 52471E3 42561E3 42681E3 42821E3 32102E3 32122E3 32152E3 32182E3 22182E3 22222E3 53221E3 53271E3 53331E3 53391E3 43391E3 43471E3 43561E3 33681E3 33821E3 33102E3 23122E3 23152E3 23182E3 56689E3 56101E3 56151E3 46151E3 56181E3 46181E3 56221E3 46221E3 36221E3 56271E3 36271E3 46331E3 36331E3 26331E3 46391E3 36391E3 26391E3 36471E3 26471E3 36561E3 26561E3 26681E3 26821E3 www.vishay.com 3
200
250
400
Document Number: 28383 Revision: 12-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
093 PMG-SI
Vishay BCcomponents
Aluminum Capacitors Power Miniaturized General Purpose Snap-In
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 100 180 180 220 220 270 270 330 330 390 470 560 560 680 82 100 120 120 150 180 180 180 220 220 220 270 270 330 330 390 390 470 560 680 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 35 25 x 30 25 x 35 30 x 25 22 x 50 30 x 30 25 x 50 30 x 35 35 x 30 35 x 35 30 x 50 35 x 40 35 x 45 22 x 25 22 x 30 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 30 x 25 22 x 50 25 x 35 30 x 25 30 x 30 35 x 25 25 x 50 35 x 30 30 x 40 35 x 35 35 x 40 35 x 45 35 x 50 IR 120 Hz (A) 0.89 1.29 1.29 1.47 1.44 1.61 1.67 1.47 1.88 2.05 2.27 2.66 2.57 2.87 0.80 0.95 1.00 1.00 1.17 1.34 1.27 1.32 1.45 1.45 1.42 1.64 1.66 2.07 1.98 2.11 2.18 2.47 2.74 3.07 IL5 (mA) 0.84 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 0.74 0.90 1.08 1.08 1.35 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 1.50 MAX. ESR (1) 120 Hz () 1.44 0.81 0.78 0.67 0.69 0.54 0.56 0.43 0.46 0.47 0.37 0.31 0.34 0.28 1.77 1.45 1.26 1.29 1.01 0.85 0.86 0.86 0.66 0.73 0.76 0.61 0.68 0.46 0.50 0.42 0.43 0.35 0.30 0.25 MAX. Z 10 kHz () 1.05 0.59 0.57 0.50 0.52 0.39 0.41 0.31 0.35 0.37 0.28 0.25 0.27 0.23 1.31 1.07 0.95 0.97 0.76 0.63 0.65 0.65 0.49 0.56 0.59 0.47 0.54 0.35 0.39 0.32 0.33 0.27 0.23 0.20 ORDERING CODE MAL2093....... 54101E3 54181E3 44181E3 44221E3 34221E3 54271E3 34271E3 44331E3 34331E3 24391E3 24471E3 34561E3 24561E3 24681E3 57829E3 57101E3 57121E3 47121E3 57151E3 57181E3 47181E3 37181E3 57221E3 47221E3 37221E3 37271E3 27271E3 47331E3 27331E3 37391E3 27391E3 27471E3 27561E3 27681E3
420
450
Note (1) ESR at 100 Hz is approximately 1.05 x ESR 120 Hz
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) Table 3 All case sizes 19 nH typical/25 nH max. After 5 minutes at UR IL5 0.02 CR x UR or 1.5 mA, whichever is smaller 200 V versions 1V US = 1.1 x UR CONDITIONS VALUE
LOW TEMPERATURE CHARACTERISTIC (at 120 Hz)
DESCRIPTION Impedance ratio Z (- 25 C)/Z (+ 20 C) UR (V) (1) 200 to 450 4
Note (1) Impedance ratio shall not exceed the given values www.vishay.com 4 For technical questions, contact: aluminumcaps2@vishay.com Document Number: 28383 Revision: 12-Aug-08
093 PMG-SI
Aluminum Capacitors Power Miniaturized General Purpose Snap-In
RIPPLE CURRENT AND USEFUL LIFE
Vishay BCcomponents
IA = actual ripple current at 120 Hz IR = rated ripple current at 120 Hz and 85 C (1) Useful life at 85 C and I applied: 2000 hours R
Tamb (C)
Fig.4 Multiplier of useful life as a function of ambient temperature and ripple current load Table 4
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 60 100 120 500 1000 10 000 Table 5 IR MULTIPLIER 400 and 450 V 0.90 0.95 1.00 1.20 1.30 1.40
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Useful life REFERENCE CECC 30301 subclause 1.8.1 PROCEDURE (quick reference) Tamb = 85 C; UR and IR applied: 2000 hours REQUIREMENTS C/C: 30 % ESR 3 x spec. limit IL5 spec. limit no short or open circuit, no visible damage total failure percentage: 3 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 85 C; no voltage applied; 500 hours After test: UR to be applied for 30 minutes, 24 hours to 48 hours before measurement C/C: 20 % ESR 2 x spec. limit IL5 1 x spec. limit www.vishay.com 5
Document Number: 28383 Revision: 12-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL209324681E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X